PART |
Description |
Maker |
EP3001-TW12B EP3001-TW12R EP3001-TW15B EP3001-TW15 |
1.5MHz, 600mA Synchronous Step-down Converter
|
Eorex Corporation
|
LTC3407AEMSE-PBF LTC3407AEMSE-TRPBF LTC3407AEDD-PB |
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3403 LTC3403EDD |
1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
|
LINER[Linear Technology]
|
AS1324-BTTT-12 AS1324-BTTT-15 AS1324-BTTT-18 AS132 |
1.5MHz, 600mA, DC/DC Step-Down Regulator
|
austriamicrosystems AG
|
TS3406CXRF TS340608 |
600mA / 1.5MHz Synchronous Buck Converter
|
Taiwan Semiconductor Company, Ltd
|
RT8008 RT8008-15PB RT8008-15PJ5 RT8008-12PB RT8008 |
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corp... Richtek Technology Corporation Richtek Technology Corporat...
|
LTC3406AB LTC3406ABES5-PBF LTC3406ABES5-TRPBF LTC3 |
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.3 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO5
|
Linear Technology, Corp.
|
LTC3406B LTC3406BES5-1.8 LTC3406BES5 LTC3406BES5-1 |
256 x 18 3.3-V asynchronous FIFO memory 56-SSOP 0 to 70 1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.25 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO5
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
FP6160B FP6160BIR-LF-ADJ FP6160BKR-LF-ADJ |
600mA Synchronous Step-Down Regulator
|
Feeling Technology
|